Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 435 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 435 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 431Page - STMicroelectronics RM0016 Datasheet HTML 432Page - STMicroelectronics RM0016 Datasheet HTML 433Page - STMicroelectronics RM0016 Datasheet HTML 434Page - STMicroelectronics RM0016 Datasheet HTML 435Page - STMicroelectronics RM0016 Datasheet HTML 436Page - STMicroelectronics RM0016 Datasheet HTML 437Page - STMicroelectronics RM0016 Datasheet HTML 438Page - STMicroelectronics RM0016 Datasheet HTML 439Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 467 page
background image
DocID14587 Rev 14
435/467
RM0016
Analog/digital converter (ADC)
454
24.5.7
Conversion on external trigger
Conversion can be triggered by an rising edge event on the ADC_ETR pin or a TRGO event
from a timer. Refer to the datasheet for details on the timer trigger, as this is product depend-
ent). If the EXTTRIG control bit is set then either of the external events can be used to trigger
a conversion. The EXTSEL[1:0] bits are used to select the two possible sources of events
that can trigger conversion.
To use external trigger mode:
1.
The ADC is in off state (ADON=0) and EOC bit is cleared.
2.
Select trigger source (EXTSEL [1:0]).
3.
Set external trigger mode EXTTRIG=1 using a BSET instruction in order not to change
other bits in the register.
4.
If the trigger source is in high state, this switches on the ADC. For this reason, test if
ADC is switched off (ADON=0), then switch on ADC (ADON=1).
5.
Wait for the stabilization time (tSTAB). If an external trigger occurs before tSTAB elapses,
the result will not be accurate.
6.
Conversion starts when an external trigger event occurs.
Note:
1
If timer trigger mode is selected (timer event as trigger source, not external pin) it is
recommended to start the timer only when the ADC is completely set - and stop the timer
before the ADC is switched off.
2
External trigger mode must be disabled (EXTTRIG=0) before executing a HALT instruction.
24.5.8
Analog zooming
Analog zooming is supported in devices with external reference voltage pins (VREF+ and
VREF-). In analog zooming, the reference voltage is chosen to allow increased resolution in a
reduced voltage range. Refer to the datasheet for details on the allowed reference voltage
range.
24.5.9
Timing diagram
As shown in Figure 162, after ADC power on, the ADC needs a stabilization time tSTAB
(equivalent to one conversion time tCONV) before it starts converting accurately. For
subsequent conversions there is no stabilization delay and ADON needs to be set only
once. The ADC conversion time takes 14 clock cycles. After conversion the EOC flag is set
and the 10-bit ADC Data register contains the result of the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com