Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 431 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 431 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 427Page - STMicroelectronics RM0016 Datasheet HTML 428Page - STMicroelectronics RM0016 Datasheet HTML 429Page - STMicroelectronics RM0016 Datasheet HTML 430Page - STMicroelectronics RM0016 Datasheet HTML 431Page - STMicroelectronics RM0016 Datasheet HTML 432Page - STMicroelectronics RM0016 Datasheet HTML 433Page - STMicroelectronics RM0016 Datasheet HTML 434Page - STMicroelectronics RM0016 Datasheet HTML 435Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 467 page
background image
DocID14587 Rev 14
431/467
RM0016
Analog/digital converter (ADC)
454
24.4
ADC pins
24.5
ADC functional description
24.5.1
ADC on-off control
The ADC can be powered-on by setting the ADON bit in the ADC_CR1 register. When the
ADON bit is set for the first time, it wakes up the ADC from power down mode. To start
conversion, set the ADON bit in the ADC_CR1 register with a second write instruction.
At the end of conversion, the ADC remains powered on and you have to set the ADON bit
only once to start the next conversion.
If the ADC is not used for a long time, it is recommended to switch it to power down mode to
decrease power consumption. This is done by clearing the ADON bit.
When the ADC is powered on, the digital input and output stages of the selected channel
are disabled independently on the GPIO pin configuration. It is therefore recommended to
select the analog input channel before powering on the ADC (see Section 24.5.3: Channel
selection).
24.5.2
ADC clock
The clock supplied to the ADC can by a prescaled fMASTER clock. The prescaling factor of
the clock depends on the SPSEL[2:0] bits in the ADC_CR1 register.
Table 72. ADC pins
Name
Signal type
Remarks
VDDA
Input, Analog
supply
Analog power supply. This input is bonded to VDD in
devices that have no external VDDA pin.
VSSA
Input, Analog
supply ground
Ground for analog power supply. This input is bonded to
VSS in devices that have no external VSSA pin.
VREF-
Input, Analog
Reference negative
The lower/negative reference voltage for the ADC,
ranging from VSSA to (VSSA + 500 mV).
This input is bonded to VSSA in devices that have no
external VREF- pin (packages with 48 pins or less)
VREF+
Input, Analog
Reference positive
The higher/positive reference voltage for the ADC,
ranging from 2.75 V to VDDA. This input is bonded to VDDA
in devices that have no external VREF+ pin (packages with
48 pins or less)
AIN[15:0]
Analog input signals
Up to 16 analog input channels, which are converted by
the ADC one at a time.
ADC_ETR
Digital input signals External trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com