Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 105 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 101Page - STMicroelectronics RM0016 Datasheet HTML 102Page - STMicroelectronics RM0016 Datasheet HTML 103Page - STMicroelectronics RM0016 Datasheet HTML 104Page - STMicroelectronics RM0016 Datasheet HTML 105Page - STMicroelectronics RM0016 Datasheet HTML 106Page - STMicroelectronics RM0016 Datasheet HTML 107Page - STMicroelectronics RM0016 Datasheet HTML 108Page - STMicroelectronics RM0016 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 467 page
background image
DocID14587 Rev 14
105/467
RM0016
General purpose I/O ports (GPIO)
113
11
General purpose I/O ports (GPIO)
11.1
Introduction
General purpose input/output ports are used for data transfers between the chip and the
external world. An I/O port can contain up to eight pins. Each pin can be individually
programmed as a digital input or digital output. In addition, some ports may have alternate
functions like analog inputs, external interrupts, input/output for on-chip peripherals. Only
one alternate function can be mapped to a pin at a time, the alternate function mapping is
controlled by option byte. Refer to the datasheet for a description of the option bytes.
An output data register, input data register, data direction register and two configuration
registers are associated with each port. A particular port will behave as an input or output
depending on the status of the data direction register of the port.
11.2
GPIO main features
•
Port bits can be configured individually
•
Selectable input modes: floating input or input with pull-up
•
Selectable output modes: push-pull output or pseudo-open-drain.
•
Separate registers for data input and output
•
External interrupts can be enabled and disabled individually
•
Output slope control for reduced EMC noise
•
Alternate function I/Os for on-chip peripherals
•
Input Schmitt trigger can be disabled on analog inputs for reduced power consumption
•
Read-modify-write possible on data output latch
•
5 V-tolerant inputs
•
I/O state guaranteed in voltage range 1.6 V to VDDIOmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com