Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 107 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 103Page - STMicroelectronics RM0016 Datasheet HTML 104Page - STMicroelectronics RM0016 Datasheet HTML 105Page - STMicroelectronics RM0016 Datasheet HTML 106Page - STMicroelectronics RM0016 Datasheet HTML 107Page - STMicroelectronics RM0016 Datasheet HTML 108Page - STMicroelectronics RM0016 Datasheet HTML 109Page - STMicroelectronics RM0016 Datasheet HTML 110Page - STMicroelectronics RM0016 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 467 page
background image
DocID14587 Rev 14
107/467
RM0016
General purpose I/O ports (GPIO)
113
11.3.1
Input modes
Clearing the DDRx bit selects input mode. In this mode, reading a IDR bit returns the digital
value of the corresponding I/O pin.
Refer to Section 11.7: Input mode details on page 109 for information on analog input,
external interrupts and Schmitt trigger enable/disable.
As shown in Table 21, four different input modes can be theoretically be configured by
software: floating without interrupt, floating with interrupt, pull-up without interrupt or pull-up
with interrupt. However in practice, not all ports have external interrupt capability or pull-ups.
You should refer to the datasheet pin-out description for details on the actual hardware
capability of each port.
Table 21. I/O port configuration summary
Mode
DDR
bit
CR1
bit
CR2
bit
Function
Pull-up
P-buffer
Diodes
to VDD
to VSS
Input
00
0
Floating without
interrupt
Off
Off
On
On
01
0
Pull-up without
interrupt
On
0
0
1
Floating with interrupt
Off
0
1
1
Pull-up with interrupt
On
Output
1
0
0
Open drain output
Off
Off
1
1
0
Push-pull output
On
10
1
Open drain output, fast
mode
Off
1
1
1
Push-pull, fast mode
Off
On
1x
x
True open drain (on
specific pins)
Not implemented
Not im-
plemented
(1)
1. The diode connected to VDD is not implemented in true open drain pads. A local protection between the
pad and VOL is implemented to protect the device against positive stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com