Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 116 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 112Page - STMicroelectronics RM0016 Datasheet HTML 113Page - STMicroelectronics RM0016 Datasheet HTML 114Page - STMicroelectronics RM0016 Datasheet HTML 115Page - STMicroelectronics RM0016 Datasheet HTML 116Page - STMicroelectronics RM0016 Datasheet HTML 117Page - STMicroelectronics RM0016 Datasheet HTML 118Page - STMicroelectronics RM0016 Datasheet HTML 119Page - STMicroelectronics RM0016 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 467 page
background image
Auto-wakeup (AWU)
RM0016
116/467
DocID14587 Rev 14
12.3.2
Time base selection
Please refer to the Asynchronous prescaler register (AWU_APR) and Timebase selection
register (AWU_TBR) descriptions.
The AWU time intervals depend on the values of:
•
AWUTB[3:0] bits. This gives the counter output rank.
•
APR[5:0] bits. This gives the prescaler division factor (APRDIV).
15 non-overlapped ranges of time intervals can be defined as follows:
In order to obtain the right values for AWUTB[3:0] and APRDIV, you have to:
•
First, search the interval range corresponding to the desired time interval. This gives
the AWUTB[3:0] value.
•
Then APRDIV can be chosen to obtain a time interval value as close as possible to the
desired one. This can be done using the formulas listed in the table above.
Note:
If the target value is between 211x128/fLS and 211x130/fLS or between 211x320/fLS and
211x330/fLS, the value closer to the target one must be chosen.
Table 25. Time base calculation table
Interval range
AWUTB[3:0]
APRDIV formula for
time interval
calculation
APRDIV
range
fLS = f
fLS = 128kHz
2/f - 64/f
0.015625 ms - 0.5 ms
0001
APRDIV/fLS
2 to 64
2x32/f - 2x2x32/f
0.5 ms - 1.0 ms
0010
2 x APRDIV/fLS
32 to 64
2x64/f - 2x2x64/f
1 ms - 2 ms
0011
22 x APRDIV/fLS
32 to 64
22x64/f - 22x128/f
2 ms - 4 ms
0100
23 x APRDIV/fLS
32 to 64
23x64/f - 23x128/f
4 ms - 8 ms
0101
24 x APRDIV/fLS
32 to 64
24x64/f - 24x128/f
8 ms - 16 ms
0110
25 x APRDIV/fLS
32 to 64
25x64/f - 25x128/f
16 ms - 32 ms
0111
26 x APRDIV/fLS
32 to 64
26x64/f - 26x128/f
32 ms - 64 ms
1000
27 x APRDIV/fLS
32 to 64
27x64/f - 27x128/f
64 ms - 128 ms
1001
28 x APRDIV/fLS
32 to 64
28x64/f - 28x128/f
128 ms - 256 ms
1010
29 x APRDIV/fLS
32 to 64
29x64/f - 29x128/f
256 ms - 512 ms
1011
210 x APRDIV/fLS
32 to 64
210x64/f - 210x128/f
512 ms - 1.024 s
1100
211 x APRDIV/fLS
32 to 64
211x64/f - 211x128/f
1.024 s - 2.048 s
1101
212 x APRDIV/fLS
32 to 64
211x130/f - 211x320/f
2.080 s - 5.120 s
1110
5 x 211 x APRDIV/fLS
26 to 64
211x330/f - 212x960/f
5.280 s - 30.720 s
1111
30 x 211 x APRDIV/fLS
11 to 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com