Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 119 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 115Page - STMicroelectronics RM0016 Datasheet HTML 116Page - STMicroelectronics RM0016 Datasheet HTML 117Page - STMicroelectronics RM0016 Datasheet HTML 118Page - STMicroelectronics RM0016 Datasheet HTML 119Page - STMicroelectronics RM0016 Datasheet HTML 120Page - STMicroelectronics RM0016 Datasheet HTML 121Page - STMicroelectronics RM0016 Datasheet HTML 122Page - STMicroelectronics RM0016 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 467 page
background image
DocID14587 Rev 14
119/467
RM0016
Auto-wakeup (AWU)
123
12.4.2
Asynchronous prescaler register (AWU_APR)
Address offset: 0x01
Reset value: 0x3F
12.4.3
Timebase selection register (AWU_TBR)
Address offset: 0x02
Reset value: 0x00
7
654
3210
Reserved
APR[5:0]
r
rw
Bits 7:6 Reserved
Bits 5:0 APR[5:0]: Asynchronous prescaler divider
These bits are written by software to select the prescaler divider (APRDIV) feeding the counter clock.
0x00: APRDIV = 2 0x0E: APRDIV = 16
0x01: APRDIV = 3 0x0F: APRDIV = 17
... ...
0x06: APRDIV = 8 0x3E: APRDIV = 64
Note: This register must not be kept at its reset value (0x3F)
7
654
3210
Reserved
AWUTB[3:0]
r
rw
Bits 7:4 Reserved
Bits 3:0 AWUTB[3:0]: Auto-wakeup timebase selection
These bits are written by software to define the time interval between AWU interrupts. AWU
interrupts are enabled when AWUEN = 1.
0000: No interrupt
0001: APRDIV/fLS
0010: 2xAPRDIV/fLS
0011: 22APRDIV/fLS
0100: 23APRDIV/fLS
0101: 24APRDIV/fLS
0110: 25APRDIV/fLS
0111: 26APRDIV/fLS
1000: 27APRDIV/fLS
1001: 28APRDIV/fLS
1010: 29APRDIV/fLS
1011: 210APRDIV/fLS
1100: 211APRDIV/fLS
1101: 212APRDIV/fLS
1110: 5x211APRDIV/fLS
1111: 30x211APRDIV/fLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com