Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 317 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 317 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 313Page - STMicroelectronics RM0016 Datasheet HTML 314Page - STMicroelectronics RM0016 Datasheet HTML 315Page - STMicroelectronics RM0016 Datasheet HTML 316Page - STMicroelectronics RM0016 Datasheet HTML 317Page - STMicroelectronics RM0016 Datasheet HTML 318Page - STMicroelectronics RM0016 Datasheet HTML 319Page - STMicroelectronics RM0016 Datasheet HTML 320Page - STMicroelectronics RM0016 Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 467 page
background image
DocID14587 Rev 14
317/467
RM0016
Inter-integrated circuit (I2C) interface
319
Table 50. I2C_CCR values for SCL frequency table (fMASTER = 10 MHz or 16 MHz(1))
I2C
Speed
I2C
frequency
(fSCL)
fMASTER = 10 MHz
fMASTER= 16 MHz
in Hz
Actual
(Hz)
% Error
(%)
I2C_CCR
(h)
Duty
cycle
bit
Actual
(Hz)
% Error
(%)
I2C_CCR
(h)
Duty cycle
bit
Fast
speed
400000
400000
0
1
1
410256.41
2.56
D
0
370000
370370.37
0.10
9
0
380952.38
2.96
E
0
350000
370370.37
5.82
9
0
355555.56
1.59
F
0
320000
333333.33
4.17
A
0
320000
0
2
1
300000
303030.30
1.01
B
0
313725.49
4.57
11
0
270000
277777.78
2.88
C
0
280701.75
3.96
13
0
250000
256410.26
2.56
D
0
253968.25
1.59
15
0
220000
222222.22
1.01
F
0
222222.22
1.01
18
0
200000
200000
0
2
1
205128.20
2.56
1A
0
170000
175438.60
3.20
13
0
172043.01
1.20
1F
0
150000
151515.15
1.01
16
0
152380.95
1.59
23
0
120000
123456.79
2.88
1B
0
121212.12
1.01
2C
0
Standard
speed
100000
100000
0
32
No impact
100000
0
50
No impact
50000
50000
0
64
50000
0
A0
30000
30120.48
0.40
A6
30075.19
0.25
10A
20000
20000
0
FA
20000
0
190
1. The following table gives the values to be written in the I2C_CCR register to obtain the required I²C SCL line frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com