Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 321 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 321 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 317Page - STMicroelectronics RM0016 Datasheet HTML 318Page - STMicroelectronics RM0016 Datasheet HTML 319Page - STMicroelectronics RM0016 Datasheet HTML 320Page - STMicroelectronics RM0016 Datasheet HTML 321Page - STMicroelectronics RM0016 Datasheet HTML 322Page - STMicroelectronics RM0016 Datasheet HTML 323Page - STMicroelectronics RM0016 Datasheet HTML 324Page - STMicroelectronics RM0016 Datasheet HTML 325Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 467 page
background image
DocID14587 Rev 14
321/467
RM0016
Universal asynchronous receiver transmitter (UART)
377
22.2
UART main features
•
Full duplex, asynchronous communications
•
NRZ standard format (Mark/Space)
•
High-precision baud rate generator system
–
Common programmable transmit and receive baud rates up to fMASTER/16
•
Programmable data word length (8 or 9 bits)
•
Configurable stop bits
–
Support for 1 or 2 stop bits
•
LIN Master mode (UART1, UART2, UART3 and UART4)
–
LIN break and delimiter generation
–
LIN break and delimiter detection with separate flag and interrupt source for
readback checking
•
LIN Slave mode (UART2, UART3 and UART4)
–
Autonomous header handling and mute mode to filter responses
–
Identifier parity error checking
–
LIN automatic resynchronization, allowing operation with internal RC oscillator
(HSI) clock source.
–
Break detection at any time, even during a byte reception
–
Header errors detection:
Delimiter too short
Synch field error
Deviation error (if automatic resynchronization is enabled)
Framing error in synch field or identifier field
Header timeout
•
Transmitter clock output for synchronous communication (UART1, UART2 and UART4)
•
IrDA SIR Encoder Decoder (UART1, UART2 and UART4)
–
Support for 3/16 bit duration for normal mode
•
Smartcard Emulation Capability (UART1, UART2 and UART4)
–
Smartcard interface supporting the asynchronous protocol for Smartcards as
defined in ISO 7816-3 standards
–
1.5 Stop bits for Smartcard operation
•
Single wire Half Duplex Communication (UART1 and UART4)
•
Separate enable bits for Transmitter and Receiver
•
Transfer detection flags:
–
Receive buffer full
–
Transmit buffer empty
–
End of Transmission flags
•
Parity control
–
Transmits parity bit
–
Checks parity of received data byte
•
4 error detection flags
–
Overrun error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com