Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 352 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 352 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 348Page - STMicroelectronics RM0016 Datasheet HTML 349Page - STMicroelectronics RM0016 Datasheet HTML 350Page - STMicroelectronics RM0016 Datasheet HTML 351Page - STMicroelectronics RM0016 Datasheet HTML 352Page - STMicroelectronics RM0016 Datasheet HTML 353Page - STMicroelectronics RM0016 Datasheet HTML 354Page - STMicroelectronics RM0016 Datasheet HTML 355Page - STMicroelectronics RM0016 Datasheet HTML 356Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 467 page
background image
Universal asynchronous receiver transmitter (UART)
RM0016
352/467
DocID14587 Rev 14
22.4.2
Slave mode with automatic resynchronization disabled
Note:
This feature is only available in UART2, UART3 and UART4.
UART initialization
Procedure:
1.
Select the desired baudrate by programming UART_BRR2 and UART_BRR1 registers,
2.
Enable transmitter and receiver by setting TEN and REN bits in UART_CR2 register,
3.
Enable LSLV bit in UART_CR6 register,
4.
Enable LIN mode by setting LINEN bit in UART_CR3 register,
LIN Header reception
According to the LIN protocol, a slave node must wait for a valid header, coming from the
master node. Then application has to take following action, depending on the header
Identifier value:
•
Receive the response
•
Transmit the response
•
Ignore the response and wait for next header
When a LIN Header is received:
•
The LHDF flag in the UART_CR6 register indicates that a LIN Header has been
detected.
•
An interrupt is generated if the LHDIEN bit in the UART_CR6 register is set.
•
The LIN Identifier is available in the UART_DR register.
Note:
It is recommended to put UART in mute mode by setting RWU bit. This mode allows
detection of headers only and prevents the reception of any other characters.
Setting the PCEN bit in the UART_CR2 register while LIN is in slave mode enables the
Identifier parity check. The PE flag in the UART_CR6 register is set together with the LHDF
flag in the UART_CR6 register if the Identifier parity is not correct.
Response transmission (slave is the publisher of the response)
In order to send n data bytes, the application must repeat following sequence n times:
1.
Write data in the UART_DR register
2.
Wait for the RXNE flag in the UART_SR register
3.
Check for readback value by reading the UART_DR register
Once response transmission is completed, software can set the RWU bit.
Response reception (slave is the subscriber of the response)
In order to receive n data bytes, the application must repeat following sequence n times:
1.
Wait for the RXNE flag in the UART_SR register
2.
Read the UART_DR register
Once response reception is completed, software can set the RWU bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com