Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 354 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 354 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 350Page - STMicroelectronics RM0016 Datasheet HTML 351Page - STMicroelectronics RM0016 Datasheet HTML 352Page - STMicroelectronics RM0016 Datasheet HTML 353Page - STMicroelectronics RM0016 Datasheet HTML 354Page - STMicroelectronics RM0016 Datasheet HTML 355Page - STMicroelectronics RM0016 Datasheet HTML 356Page - STMicroelectronics RM0016 Datasheet HTML 357Page - STMicroelectronics RM0016 Datasheet HTML 358Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 467 page
background image
Universal asynchronous receiver transmitter (UART)
RM0016
354/467
DocID14587 Rev 14
LHE is set if one of the following conditions occurs:
•
Break Delimiter is too short
•
Synch Field is different from 55h
•
Framing error in Synch Field or Identifier Field
•
A LIN header reception time-out
Note:
If a LIN header error occurs, the LSF bit in the UART_CR6 register must be cleared by
software
LIN header time-out error
The UART automatically monitors the THEADER_MAX condition given by the LIN protocol.
If the entire Header (up to and including the STOP bit of the LIN Identifier Field) is not
received within the maximum time limit of 57 bit times then a LIN Header Error is signaled
and the LHE bit is set in the UART_SR register.
Figure 134. LIN header reception time-out
The time-out counter is enabled at each break detection. It is stopped in the following
conditions:
•
A LIN Identifier Field has been received
•
An LHE error occurred (other than a time-out error).
•
A software reset of LSF bit (transition from high to low) occurred during the analysis of
the LIN Synch Field
If LHE bit is set due to this error during the LIN Synch Field (if LASE bit = 1) then the UART
goes into a blocked state (the LSF bit is set).
If LHE bit is set due to this error during Fields other than LIN Synch Field or if LASE bit is
reset then the current received Header is discarded and the UART searches for a new
Break Field.
Note on LIN Header time-out limit
According to the LIN specification, the maximum length of a LIN Header which does not
cause a time-out is equal to:
1.4 * (34 + 1) = 49 TBIT_MASTER.
TBIT_MASTER refers to the master baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com