Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 10Page - STMicroelectronics ST8500 Datasheet HTML 11Page - STMicroelectronics ST8500 Datasheet HTML 12Page - STMicroelectronics ST8500 Datasheet HTML 13Page - STMicroelectronics ST8500 Datasheet HTML 14Page - STMicroelectronics ST8500 Datasheet HTML 15Page - STMicroelectronics ST8500 Datasheet HTML 16Page - STMicroelectronics ST8500 Datasheet HTML 17Page - STMicroelectronics ST8500 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Device architecture
ST8500
14/37
DocID031029 Rev 3
2.4.4
One Time Programmable (OTP) section
The ST8500 device embeds an OTP area that stores device sensitive information, security
control bits and additional user specific bytes. The OTP section has two different HW
protection methods, ECC or HW redundancy, as indicated in Table 4.
The ECC calculation unit improves robustness of data storage. This ECC block encodes
and decodes each 32-bits words in programming and reading operations. The user must
program all the ECC protected words in one shot, no modification is possible afterward.
The HW redundancy is a more flexible protection mechanism but limits the size of each
word to 16-bits. The user can write words in multiple shots but respecting this rule: the word
value can be changed only making '0's becoming '1's (in no case single bits can be written
back at 0).
Table 4. OTP section
Word
Word size
Protection
Description
016 bits
HW
redundancy
User security bits:
b0: Cortex™-M4F images in clear text enabled
b1: Cortex™-M4F JTAG enabled
b2: user OTP write locked
b3: Cortex™-M4F key read locked
b4-15: reserved
1
32 bits
ECC
Cortex™-M4F image decryption key word0
2
32 bits
ECC
Cortex™-M4F image decryption key word1
3
32 bits
ECC
Cortex™-M4F image decryption key word2
4
32 bits
ECC
Cortex™-M4F image decryption key word3
5
32 bits
ECC
Cortex™-M4F image decryption key word4
6
32 bits
ECC
Cortex™-M4F image decryption key word5
7
32 bits
ECC
Cortex™-M4F image decryption key word6
8
32 bits
ECC
Cortex™-M4F image decryption key word7
9
32 bits
ECC
User specific word 0
10
32 bits
ECC
User specific word 1
11
32 bits
ECC
User specific word 2
12
32 bits
ECC
User specific word 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com