Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 19Page - STMicroelectronics ST8500 Datasheet HTML 20Page - STMicroelectronics ST8500 Datasheet HTML 21Page - STMicroelectronics ST8500 Datasheet HTML 22Page - STMicroelectronics ST8500 Datasheet HTML 23Page - STMicroelectronics ST8500 Datasheet HTML 24Page - STMicroelectronics ST8500 Datasheet HTML 25Page - STMicroelectronics ST8500 Datasheet HTML 26Page - STMicroelectronics ST8500 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DocID031029 Rev 3
23/37
ST8500
Pinout and pin description
37
36
GPIO00_0
D
I PU General purpose I/O
37
DVDD_1V1
S
-
Digital block 1.1 V supply
38
GPIO03_7
D
I PU General purpose I/O (JTAG)
39
GPIO03_6
D
I PU General purpose I/O (JTAG)
40
GPIO03_5
D
I PU General purpose I/O (JTAG)
41
GPIO03_4
D
I PD General purpose I/O (JTAG)
42
GPIO03_3
D
I PU General purpose I/O (JTAG)
43
GPIO03_2
D
I PD General purpose I/O (Boot)
44
GPIO03_1
D
I PD General purpose I/O (Boot)
45
GPIO03_0
D
I PD General purpose I/O (Boot)
46
DVDD_3V3_IO
S
-
I/O 3.3 V supply
47
GPIO01_7
D(I2C)
I PU General purpose I/O
48
GPIO01_6
D(I2C)
I PU General purpose I/O
49
GPIO01_5
D
I PD General purpose I/O
50
GPIO01_4
D
I PD General purpose I/O
51
GPIO01_3
D
I PU General purpose I/O
52
GPIO01_2
D
I PU General purpose I/O
53
GPIO01_1
D
I PU General purpose I/O
54
GPIO01_0
D
I PD General purpose I/O
55
DVDD_3V3_IO
S
-
I/O 3.3 V supply
56
DVDD_1V1
S
-
Digital block 1.1 V supply
57
EXPAD-GND
S
-
Exposed pad - GND
Table 7. Pin description (continued)
QFN56 pin
Pin name
Type
RS
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com