Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 11Page - STMicroelectronics ST8500 Datasheet HTML 12Page - STMicroelectronics ST8500 Datasheet HTML 13Page - STMicroelectronics ST8500 Datasheet HTML 14Page - STMicroelectronics ST8500 Datasheet HTML 15Page - STMicroelectronics ST8500 Datasheet HTML 16Page - STMicroelectronics ST8500 Datasheet HTML 17Page - STMicroelectronics ST8500 Datasheet HTML 18Page - STMicroelectronics ST8500 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
DocID031029 Rev 3
15/37
ST8500
Device architecture
37
2.5
Clock and reset management (CRM)
2.5.1
Clock management
ST8500 internal clock signals can be generated from two different clock sources:
1.
An external 25 MHz that must be provided through a crystal connected to MCLK_IN
and MCLK_OUT pins. If this source is not present the device does not start in order to
respect the security requirements.
2.
An internal ring oscillator with 4 MHz nominal frequency.
The clock strategy and distribution is depicted in Figure 3.
Figure 3. ST8500 clock tree
At the power-on the Cortex™-M4F directly uses the XOSC clock with the SLOW mode. The
internal frequency synthesizer (FS) and pre-scaler units generate all the needed internal
clock signals. The frequency synthesizer generates a fixed frequency at a nominal
frequency of 400 MHz (VCO). This frequency is pre-scaled at boot time to provide the
proper clock for DFE, AFE and RTE subsystems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com