Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 12Page - STMicroelectronics ST8500 Datasheet HTML 13Page - STMicroelectronics ST8500 Datasheet HTML 14Page - STMicroelectronics ST8500 Datasheet HTML 15Page - STMicroelectronics ST8500 Datasheet HTML 16Page - STMicroelectronics ST8500 Datasheet HTML 17Page - STMicroelectronics ST8500 Datasheet HTML 18Page - STMicroelectronics ST8500 Datasheet HTML 19Page - STMicroelectronics ST8500 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Device architecture
ST8500
16/37
DocID031029 Rev 3
The application code can select the clock source for the Cortex™-M4 subsystem between:
1.
The VCO output of FS by means of a programmable pre-scaler. The application core
must properly configure it to provide the clock in the range from 1.5 MHz to 200 MHz.
2.
The 25 MHz oscillator by means of a programmable pre-scaler at a nominal frequency
ranging from 0.8 MHz up to 25 MHz.
3.
The internal ring oscillator, either directly (at a nominal frequency 4 MHz) or by means
of a fixed pre-scaler (at a nominal frequency of 0.125 MHz).
Each APB bus can be fed at an integer fraction of the Cortex™-M4F clock with a prescaling
factor up to 8. The application core must configure the APB clock to respect the maximum
limit of 100 MHz. USART and I2C peripherals have an independent clock divider to generate
the proper baudrate and clock on the line.
It is also possible to apply clock gating to each bus in case of low power mode or unused
peripherals. Clock gating can be applied to clock signals as indicated in Figure 3.
2.5.2
Reset management
The power-on-reset (POR) is conditioned by the level of the required supply voltages (3.3 V,
2.5 V and 1.1 V, see Section 2.6). At the power-on, the whole ST8500 is kept under reset
until the supply voltages are above the respective turn-on thresholds, while the device is
turned off as soon as one of the supply voltages fall below the respective turn-off thresholds.
The system reset is generated by:
The RESETn pin (active low)
The Cortex™-M4F core that can assert a system software reset
The window watchdog (see Section 2.2.8 on page 11)
The software reset to single peripherals can be forced through CRM registers.
2.6
Power management
The ST8500 shall be powered by at least two external supply voltages:
3.3 V for I/Os and TX driver
1.1 V for the digital part and memories
The device needs also an analog 2.5 V supply that can be either internally generated
through an LDO from the 3.3 V supply, or externally supplied.
The internal regulator connected to AVDD_2V5 is not designed to supply external circuitry;
its output is externally accessible for filtering the purpose only.
The only ground reference of the device is the exposed pad (EXPAD-GND). It has to be
properly soldered to a ground pad on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com