Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 25Page - STMicroelectronics ST8500 Datasheet HTML 26Page - STMicroelectronics ST8500 Datasheet HTML 27Page - STMicroelectronics ST8500 Datasheet HTML 28Page - STMicroelectronics ST8500 Datasheet HTML 29Page - STMicroelectronics ST8500 Datasheet HTML 30Page - STMicroelectronics ST8500 Datasheet HTML 31Page - STMicroelectronics ST8500 Datasheet HTML 32Page - STMicroelectronics ST8500 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DocID031029 Rev 3
29/37
ST8500
Electrical characteristics
37
Table 16. Digital supply characteristics - I/O
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
I(DVDD_3V3_IO)
3.3 V digital supply current
consumption
8 GPIO toggling at 0.5 MHz
with Cext
 50 pF see(1)
-2.8
6
mA
I(DVDD_3V3_IO)
3.3 V digital supply current
consumption
8 GPIO toggling at 1 MHz with
Cext
 50 pF see(1)
-5.5
11
mA
I(DVDD_3V3_IO)
3.3 V digital supply current
consumption
8 GPIO toggling at 8 MHz with
Cext
 50 pF see(1)
-33
76
mA
1. The tests are performed with the following enabled blocks: 1 x GPT, 1 x SPI, 1 x USART, IPC, AES, TRNG, ROSC.
Cortex™ frequency equals to 100 MHz.
Table 17. Digital supply characteristics - OTP
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
I(DVDD_2V5)
2.5 V digital supply current
consumption(1)
OTP static consumption
-
20
-
nA
I(DVDD_1V1)
1.1 V digital supply current
consumption(1)
OTP read operation
-
-
0.4
mA
1. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com