Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 23Page - STMicroelectronics ST8500 Datasheet HTML 24Page - STMicroelectronics ST8500 Datasheet HTML 25Page - STMicroelectronics ST8500 Datasheet HTML 26Page - STMicroelectronics ST8500 Datasheet HTML 27Page - STMicroelectronics ST8500 Datasheet HTML 28Page - STMicroelectronics ST8500 Datasheet HTML 29Page - STMicroelectronics ST8500 Datasheet HTML 30Page - STMicroelectronics ST8500 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID031029 Rev 3
27/37
ST8500
Electrical characteristics
37
5.3
Operating conditions
T(AMB) = -40 to +105 °C, T(J) < 125 °C unless otherwise specified.
Power supply characteristics
Table 11. Analog supply characteristics
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
V(AVDD_2V5)
2.5 V regulator output
-
2.3
2.5
2.75
V
V(DVDD_3V3_REG)
2.5 V regulator input voltage
-
3
3.3
3.6
V
I(DVDD_3V3_REG)
2.5 V regulator quiescent current
-
-
-
1.5
mA
V(AVDD_2V5_AFE)_TH
2.5 V PLC AFE supply voltage turn-on
threshold
--
2.1
2.25
V
V(AVDD_2V5_AFE)_TL
2.5 V PLC AFE supply voltage turn-off
threshold
-1.8
1.9
-
V
V(AVDD_2V5_AFE)_HYST 2.5 V PLC AFE supply voltage hysteresis
-
-
200
-
mV
I(AVDD_2V5_AFE)_RX
2.5 V PLC AFE supply current in Rx mode -
-
6.5
7.5
mA
I(AVDD_2V5_AFE)_TX
2.5 V PLC AFE (PGA and DAC) supply
current in Tx mode
DAC full scale
current = 10 mA
Fclk: 20 MHz
-10
-
mA
I(AVDD_3V3_AFE)_RX
3.3 V PLC AFE supply current in Rx mode -
-
0.03
0.1
mA
I(AVDD_3V3_AFE)_TX
3.3 V PLC AFE supply current in Tx mode
TXDRV_OUT
pins with no load
-3
5
mA
V(DVDD_3V3_IO)
Digital I/O supply voltage
-
3.0
3.3
3.6
V
V(DVDD_3V3_IO)_TH
Digital I/O supply voltage turn-on threshold -
-
2.7
2.85
V
V(DVDD_3V3_IO)_TL
Digital I/O supply voltage turn-off threshold -
2.4
2.5
-
V
V(DVDD_3V3_IO)_HYST Digital I/O supply voltage hysteresis
-
-
200
-
mV
V(DVDD_1V1)
1.1 digital block supply
-
1.05
1.1
1.21
V
V(DVDD_1V1)_TH
1.1 supply voltage turn-on threshold
-
-
0.93 1.03
V
V(DVDD_1V1)_TL
1.1 supply voltage turn-off threshold
-
0.65 0.73
-
V
V(DVDD_1V1)_HYST
1.1 supply voltage hysteresis
-
-
200
-
mV
Table 12. Digital supply characteristics - RTE
Symbol
Parameter
Conditions(1)
Min.
Typ.
Max. Unit
I(DVDD_1V1)
1.1 V digital supply current
RTE frequency = 50 MHz
-
3
-
mA
I(DVDD_1V1)
1.1 V digital supply current
RTE frequency = 120 MHz
-
36
-
mA
I(DVDD_1V1)
1.1 V digital supply current
RTE frequency = 250 MHz
-
60
-
mA
I(DVDD_1V1)
1.1 V digital supply current
RTE frequency = 400 MHz
-
128
-
mA
1. The tests are performed with the following enabled blocks: 1 x GPT, 1 x SPI, 1 x USART, IPC, AES, TRNG, ROSC.
Cortex™ frequency equals to 100 MHz. The value is calculated by measuring the difference in the supply current with and
without RTE enabled and running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com