Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 22Page - STMicroelectronics ST8500 Datasheet HTML 23Page - STMicroelectronics ST8500 Datasheet HTML 24Page - STMicroelectronics ST8500 Datasheet HTML 25Page - STMicroelectronics ST8500 Datasheet HTML 26Page - STMicroelectronics ST8500 Datasheet HTML 27Page - STMicroelectronics ST8500 Datasheet HTML 28Page - STMicroelectronics ST8500 Datasheet HTML 29Page - STMicroelectronics ST8500 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Electrical characteristics
ST8500
26/37
DocID031029 Rev 3
5
Electrical characteristics
5.1
Absolute maximum ratings
5.2
Thermal characteristics
Table 9. Absolute maximum ratings - voltage
Symbol
Parameter
Min.
Max.
Unit
AVDD_2V5
2.5 V internal regulator voltage
range
GND - 0.3
3.9
V
AVDD_2V5_AFE
2.5 V PLC AFE supply voltage
range
GND - 0.3
3.9
V
AVDD_3V3_AFE
3.3 V PLC AFE supply voltage
range
GND - 0.3
3.9
V
DVDD_3V3_IO
3.3 V I/O supply voltage range
GND - 0.3
3.9
V
AVDD_2V5_MCLK
2.5 V MCLK supply voltage range GND - 0.3
3.9
V
DVDD_1V1
1.1 V digital block supply voltage GND - 0.3
1.5
V
V(DIG_IN)
Digital pin input voltage range
GND - 0.3
Min. (3.9, DVDD_3V3_IO+0.3)
V
V(MCLK)
25 MHz oscillator pins voltage
range
GND - 0.3
Min. (3.9, DVDD_3V3_IO + 0.3)
V
RX_IN
RX_IN pins voltage range
-2.5
5
V
DAC_OUT
DAC output pins voltage range
GND - 0.3 Min. (3.9, AVDD_2.5V_ AFE +0.3)
V
ZC_IN
ZC_IN pin voltage range
-3.3
Min. (3.9, AVDD_3V3_AFE + 0.3)
V
CSF_IN, TX_ON,
LD_BIAS, LD_THERMAL,
TXDRV_OUT
All other analog pins voltage
range
GND - 0.3 Min. (3.9, AVDD_3V3_AFE + 0.3)
V
V(ESD)
Maximum withstanding voltage
range test condition:
ANSI-ESDA-JEDEC JS-001
“human body model” acceptance
criteria: “normal performance”
-2
+2
kV
Table 10. Thermal characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
T(J)
Junction temperature
-
125
°C
T(AMB)
Operating ambient temperature
-
-40
105
°C
T(STG)
Storage temperature
-
-50
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com