Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 26Page - STMicroelectronics ST8500 Datasheet HTML 27Page - STMicroelectronics ST8500 Datasheet HTML 28Page - STMicroelectronics ST8500 Datasheet HTML 29Page - STMicroelectronics ST8500 Datasheet HTML 30Page - STMicroelectronics ST8500 Datasheet HTML 31Page - STMicroelectronics ST8500 Datasheet HTML 32Page - STMicroelectronics ST8500 Datasheet HTML 33Page - STMicroelectronics ST8500 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Electrical characteristics
ST8500
30/37
DocID031029 Rev 3
5.4
PLC analog front-end (AFE) characteristics
5.4.1
Transmission path characteristics
Table 18. DAC and pre-driver characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
I(DAC_OUT) FS DAC output full-scale current
Tx mode, current measured on
both outputs
-10
-
mA
V(DAC_OUT)
Tx mode, differential
Rload = 50
 ± 1%, FS = 10 mA
-
1
-
Vpp
V(TX_OUT) BIAS Transmitter output bias voltage Rx mode
-
AVDD_3V
3_AFE/2
-V
-
Pre-driver load impedance(1)
-1
-
-
k
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion - see(2)
V(TX_OUT) = 4.6 V pk-pk,
no load,
Fout = 100 KHz, single-ended
T(AMB) = 25 °C
--66
-
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion see(2)
--75
-
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion see(2)
--65
-
dB
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion
V(TX_OUT) = 4.6 V pk-pk,
no load, Fout = 100 KHz,
differential
T(AMB) = 25 °C
--69
-
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion
--75
-
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion
--67
-60
dB
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion - see(2)
V(TX_OUT) = 4.6 V pk-pk,
no load, Fout = 500 KHz, single-
ended
T(AMB) = 25 °C
--61
-
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion see(2)
--73
-
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion see(2)
--60
-
dB
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion
V(TX_OUT) = 4.6 V pk-pk,
no load, Fout = 500 KHz,
differential
T(AMB) = 25 °C
--72
-
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion
--75
-
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion
--69
-60
dB
1. Guaranteed by design, not tested in production.
2. Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com