Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 14Page - STMicroelectronics ST8500 Datasheet HTML 15Page - STMicroelectronics ST8500 Datasheet HTML 16Page - STMicroelectronics ST8500 Datasheet HTML 17Page - STMicroelectronics ST8500 Datasheet HTML 18Page - STMicroelectronics ST8500 Datasheet HTML 19Page - STMicroelectronics ST8500 Datasheet HTML 20Page - STMicroelectronics ST8500 Datasheet HTML 21Page - STMicroelectronics ST8500 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Device architecture
ST8500
18/37
DocID031029 Rev 3
2.6.2
System power modes and low-power mode
In order to fine-tune the power consumption, the ST8500 device supports different power
modes. Based on the selected clock source (see Section 2.5) the Cortex™-M4 can select
the system power mode between:
NORMAL mode: the system is clocked by the VCO output frequency of the FS (with
prescaling factor)
SLOW mode: the system is clocked directly by the XOSC frequency
DOZE mode: the system is clocked by the ROSC oscillator
LOW-POWER mode: the system is clocked by the ROSC oscillator and additional
power saving strategies can be applied.
In NORMAL mode, the Cortex™-M4 is able to run at its maximum frequency but, in case
lower speed is sufficient to meet the application requirements, its clock frequency can be
scaled down to reduce power consumption, while AFE, DFE and RTE frequencies are
always internally selected to meet the running PLC protocol requirements. In case PLC
connectivity is temporarily not required, the Cortex™-M4 can be put in SLOW (depending
on the computational power and power consumption required) turning off the frequency
synthesizer (and all the derived clock signals). When in DOZE mode also th XOSC block
can be turned off.
An additional LOW-POWER mode is present. In this mode it is possible to define which
power reduction strategies are put in place by the means of a software selectable mask
which can:
Disable the AFE analog blocks
Disable the external clock sources (XOSC and FS)
Apply clock gating to all the digital blocks including the CPU
Power down the SRAM memories
The LOW-POWER can be selected by the Cortex™-M4F or by an external controller with a
dedicated pin (LPMODEn, active low). The exit from LOW-POWER mode is controlled by
the Cortex™-M4, by LPMODEn pin, by internal GPT0 timer tick. During LOW-POWER
mode the content of SRAM memories is still valid and accessible by cores if not put in
power-down.
Figure 5 shows the possible transitions between power system modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com