Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 4 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 4 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ICL8068A Electrical Specifications VSUPPLY = ±15V, TA =25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
65
mV
Input Current (Either Input) (Note 7)
IIN
VCM = 0V
-
80
150
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
dB
Non-Linear Component of Common-Mode Rejection
Ratio (Note 8)
VCM = ±2V
-
110
-
dB
Large Signal Voltage Gain
AV
RL =50kΩ
20,000
-
-
V/V
Slew Rate
SR
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
2
-
MHz
Output Short-Circuit Current
ISC
-5
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL =30kΩ
--
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
Ω
Temperature Coefficient
TC
-
40
-
ppm/oC
Supply Voltage (V++ -V-)
VSUPPLY
±10
-
±16
V
Supply Current Total
ISUPPLY
-8
14
mA
ICL8052A Electrical Specifications VSUPPLY = ±15V, TA =25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
75
mV
Input Current (Either Input) (Note 7)
IIN
VCM =0V
-
2
10
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
dB
Non-Linear Component of Common-Mode Rejection
Ratio (Note 8)
VCM = ±2V
-
110
-
dB
Large Signal Voltage Gain
AV
RL =50kΩ
20,000
-
-
V/V
Slew Rate
SR
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
1
-
MHz
Output Short-Circuit Current
ISC
-20
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL =30kΩ
--
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
Ω
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com