Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 8 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 8 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Zero-Crossing Flip-Flop
Figure 4 shows the problem that the zero-crossing F/F is
designated to solve.
The integrator output is approaching the zero-crossing point
where the count will be latched and the reading displayed.
For a 20,000 count instrument, the ramp is changing
approximately 0.50mV per clock pulse (10V Max integrator
output divided by 20,000 counts). The clock pulse
feedthrough superimposed upon this ramp would have to be
less than 100mV peak to avoid causing significant errors.
The flip-flop interrogates the data once every clock pulse
after the transients of the previous clock pulse and half-clock
pulse have died down. False zero-crossings caused by clock
pulses are not recognized. Of course, the flip-flop delays the
true zero-crossing by one count in every instance, and if a
correction were not made, the display would always be one
count too high. Therefore, the counter is disabled for one
clock pulse at the beginning of phase 3. This one count
delay compensates for the delay of the zero crossing flip-
flop, and allows the correct number to be latched into the
display. Similarly, a one count delay at the beginning of
phase 1 gives an overload display of 0000 instead of 0001.
No delay occurs during phase 2, so that true ratiometric
readings result.
Detailed Description
Digital Section
The 71C03 includes several pins which allow it to operate
conveniently in more sophisticated systems. These include:
4-1/2 / 3-1/2 (PIN 2)
When high (or open) the internal counter operates as a full
41/2 decade counter, with a complete measurement cycle
requiring 40,002 counts. When held low, the least significant
decade is cleared and the clock is fed directly into the next
decade. A measurement cycle now requires only 4,0002
clock pulses. All 5 digit drivers are active in either case, with
each digit lasting 200 counts with Pin 2 high (41/2 digit) and
20 counts for Pin 2 low (31/2 digit).
FIGURE 3. CONVERSION TIMING
POLARITY
DETECTED
ZERO CROSSING
OCCURS
ZERO CROSSING
DETECTED
DEINT PHASE III
INT PHASE II
AZ PHASE I
AZ
INTEGRATOR
OUTPUT
CLOCK
INTERNAL LATCH
BUSY OUTPUT
NUMBER OF COUNTS TO ZERO CROSSING
PROPORTIONAL TO VIN
AFTER ZERO CROSSING,
ANALOG SECTION WILL
BE IN AUTOZERO
CONFIGURATION
COUNTS
PHASE I
PHASE II
PHASE III
41/2 DIGIT
10,001
10,000
20,001
31/2 DIGIT
1,001
1,000
2,001
FIGURE 4. INTEGRATOR OUTPUT NEAR ZERO-CROSSING
TRUE ZERO
CROSSING
CLOCK
PULSE
FEEDTHROUGH
FALSE ZERO
CROSSING
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com