Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 5 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 5 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Temperature Coefficient
TC
-
40
-
ppm/oC
Supply Voltage (V++ -V-)
VSUPPLY
±10
-
±16
V
Supply Current Total
ISUPPLY
-6
14
mA
NOTES:
8. The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature, TJ.Due
to limited production test time, the input bias currents are measured with junctions at ambient temperature. In normal operation the junction
temperature rises above the ambient temperature as a result of internal power dissipation, PD.TJ =TA +RθJAPD,where RθJA is the thermal
resistance from junction to ambient. A heat sink can be used to reduce temperature rise.
9. This is the only component that causes error in dual-slope converter.
System Electrical Specifications: ICL8068A/ICL71C03
V++=+15V, V+=+5V, V- = -15V,TA =25
oC, f
CLK Set for 3 Readings/Sec.
PARAMETER
TEST
CONDITIONS
ICL8068A/ICL71C03
(NOTE 9)
ICL8068A/ICL71C03
(NOTE 10)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN =0V,
Full Scale = 200mV
-000.0
±000.0
+000.0
-000.0
±000.0
000.0
Digital
Reading
Ratiometric Error (Note 11)
VIN =VREF
Full Scale = 2V
0.999
1.000
1.001
0.9999
1.0000
1.0001
Digital
Reading
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-2V
≤ VIN ≤ +2V
-
0.2
1
-
0.5
1
Counts
Differential Linearity (Difference between
Worst Case Step of Adjacent Counts and
Ideal Step)
-2V
≤ VIN ≤ +2V
-
0.01
-
-
0.01
-
Counts
Rollover Error (Difference in Reading for
Equal Positive & Negative Voltage Near
Full Scale)
-VIN ≅ +VIN ≈ 2V
-
0.2
1
-
0.5
1
Counts
Noise (P-P Value Not Exceeded 95% of
Time)
VIN =0V,
Full Scale = 200mV
-3
-
-
2
-
µV
Leakage Current at Input
VIN = 0V
-
200
300
-
100
200
pA
Zero Reading Drift (Note 12)
VIN =0V,
0oC
≤ TA ≤ 50oC
-1
5
-
0.5
2
µV/oC
Scale Factor Temperature Coefficient
(Note 12)
VIN =2V,
0oC
≤ TA ≤ 50oC
Ext. Ref. 0ppm/oC
-3
15
-2
5
ppm/oC
System Electrical Specifications: ICL8052A/ICL71C03
V++=+15V, V+=+5V, V- = -15V,TA =25
oC, f
CLK Set for 3 Reading/Sec.
PARAMETER
TEST
CONDITIONS
ICL8052A/ICL71C03
(NOTE 9)
ICL8052A/A/ICL71C03
(NOTE 10)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN =0V,
Full Scale = 2V
-0.000
±0.000
+0.000
-0.000
±0.000
0.000
Digital
Reading
Ratiometric Error (Note 11)
VIN =VREF
Full Scale = 2V
0.999
1.000
1.001
0.9999
1.0000
1.0001
Digital
Reading
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-2V
≤ VIN ≤ +2V
-
0.2
1
-
0.5
1
Counts
ICL8052A Electrical Specifications VSUPPLY = ±15V, TA =25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com