Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 12 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 12 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
Applications
Specific Circuits Using the 8068A/71C03
8052A/A71C03
Figure 7 shows the complete circuit for a
±41/2 digit
(
±200mV full scale) A/D converter with LED readout using
the internal reference of the 8068A/52A. If an external
reference is used, the reference supply (pin 7) should be
connected to ground and the 300pF reference cap deleted.
The circuit also shows a typical RC input filter. Depending on
the application, the time-constant of this filter can be made
faster, slower, or the filter deleted completely. The 1/2 digit
LED is driven from the 7-segment decoder, with a zero
reading blanked by connecting a D5 signal to RBI input of
the decoder.
A voltage translation network is connected between the
comparator output of the 8068A/52A and the auto-zero input
of the 71C03. The purpose of this network is to assure that,
during auto-zero, the output of the comparator is at or near the
threshold of the 71C03 logic (+2.5V) while the auto-zero
capacitor is being charged to VREF (+100mV for a 200mV
instrument). Otherwise, even with 0V in, some reference
integrate period would be required to drive the comparator
output to the threshold level. This would show up as an
equivalent offset error. Once the divider network has been
selected, the unit-to-unit variation should contribute less than
a tenth of a count error. A second feature is the back-to-back
diodes, used to lower the noise. In the normal operating mode
they offer a high impedance and long integrating time
constant to any noise pulses charging the auto-zero cap. At
startup or recovery from an overload, their impedance is low
to large signals so that the cap can be charged up in one
auto-zero cycle. The buffer gain does not have to be set
precisely at 10 since the gain is used in both the integrate and
deintegrate phase. For scale factors other then 200mV the
gain of the buffer should be changed to give a
±2V buffer
output. For 2.0000V full scale this means unity gain and for
20,000mV (1
µV resolution) a gain of 100 is necessary. Not all
8068As can operate properly at a gain of 100 since their offset
should be less than 10mV in order to accommodate the auto-
zero circuitry. However, for devices selected with less than
10mV offset, the noise performance is reasonable with
approximately 1.5
µV near full scale. On all scales less than
200mV, the voltage translation network should be made
adjustable as an offset trim.
Theauto-zero capshouldbe1
µF for all scales and the
reference capacitor should be 1
µF times the gain of the
buffer amplifier. At this value if the input leakages of the
8052A/ 8068A are equal, the droop effects will cancel giving
zero offset. This is especially important at high temperature.
Some typical component values are shown in Table 1. For
31/2 digit conversion, use 12kHz clock.
V++ = +15V, V+ = 5V, V- = -15V
Clock Freq. = 120kHz (41/2 Digit) or 12kHz (3
1/
2 Digit)
TABLE 1.
SPECIFICATION
VALUE
UNITS
Full Scale VIN
20
200
2000
mV
Buffer Gain
100
(See
Note)
10
1
V/V
RINT
100
100
100
k
Ω
CINT
0.22
0.22
0.22
µF
CAZ
1.0
1.0
1.0
µF
CREF
10
10
1.0
µF
VREF
10
100
1000
mV
Resolution (41/2 Digit)
1
10
100
µV
NOTE: Comment on offset limitations above. Buffer gain does not
improve ICL8052A noise performance adequately.
RB1
R B2
+
()
RB2
------------------------------------
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com