Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 20 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 20 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation LCL8052ACPD Datasheet HTML 22Page - Intersil Corporation LCL8052ACPD Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
ICL71C03 with ICL8052A/8068A Integrating A/D Converter Equations
The ICL71C03 does not have an internal crystal or RC
oscillator. It has a clock input only.
Integration Period
Integration Clock Period
tCLOCK =1/fCLOCK
60/50Hz Rejection Criterion
tINT/t60Hz or tINT/t50Hz = Integer
Optimum Integration Current
IINT =20µA
Full Scale Analog Input Voltage
VINFS (Typ) = 200mV to 2.0V = 2VREF
Integrate Resistor
Integrate Capacitor
Integrator Output Voltage
VINT (Typ) = 9V
Output Count
NOTE: The 41/2 digit mode’s LSD will be output as a zero in the 3
1/
2
digit mode.
Output Type:
4 Nibbles BCD with Polarity and Over-range.
Power Supply:
±15V, +5V
V++ = +15V
V- = -15V
V+ = +5V
VREF ≅ 1.75V
If VREF not used, float output pin.
Auto Zero Capacitor Values
0.01
µF<CAZ <1µF
Reference Capacitor Value
CREF =(Buffer Gain) x CAZ
t
INT
10 000
,
f
CL OCK
--------------------- 4-1/2 Digit
()
=
t
INT
1000
,
f
CL OCK
--------------------- 3-1/2 Digit
()
=
R
INT
BufferG ain
() V
IN FS
×
I
INT
-------------------------------------------------------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
IN T
()
C
INT
--------------------------------
=
C ount
10 000
,
V
IN
V
REF
---------------
×
(4-1/2 Digit)
=
C ount
1 000
,
V
IN
V
REF
---------------
×
(3-1/2 Digit)
=
FIGURE 20. INTEGRATOR OUTPUT
AUTO ZERO
(COUNTS)
30,001 - 10,001
3,001 - 1,001
INTEGRATE
(FIXED COUNT)
10,000
1,000
DEINTEGRATE
(COUNTS)
1 - 20,001
1 - 2,001
(41/2 DIGIT)
(31/2 DIGIT)
TOTAL CONVERSION TIME (tCONV)
tCONV = 40,002 * tCLOCK (4
1/
2 DIGIT MODE)
tCONV =4,002 * tCLOCK (3
1/
2 DIGIT MODE)
(IN CONTINUOUS MODE)
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com