Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 14 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 14 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
A suitable circuit for driving a plasma-type display is shown
in Figure 8. The high voltage anode driver buffer is made by
Dionics. The 3 AND gates and caps driving “Bl” are needed
for interdigit blanking of multiple-digit display elements, and
can be omitted if not needed. The 2K and 3K resistors set
the current levels in the display. A similar arrangement can
be used with “Nixie
” tubes.
Nixie
 is a registered trademark of Burroughs Corporation.
Analog and Digital Grounds
Extreme care must be taken to avoid ground loops in the
layout of 8068A or 8052A/71C03A circuits, especially in high
sensitivity circuits. It is most important that return currents
from digital loads are not fed into the analog ground line.
Both of the above circuits have considerable current flowing
in the digital ground returns from drivers, etc. A
recommended connection sequence for the ground lines is
shown in Figure 9.
Other Circuits for Display Applications
Popular LCD displays can be interfaced to the Output of the
ICL71C03 with suitable display drivers, such as the
ICM7211A as shown in Figure 10. A standard CMOS 4000
series LCD driver circuit is used for displaying the 1/2 digit,
the polarity, and the “over-range” flag. A similar circuit can be
used with the ICM7212A LED driver. Of course, another full
driver circuit could be ganged to the one shown if required.
This would be useful if additional annunciators were needed.
Figure 10 shows the complete circuit for a 41/2 digit
(
±2.000V) A/D, again using the internal reference of the
8052A/8068A.
Figure 11 shows a more complicated circuit for driving LCD
displays. Here the data is latched into the ICM7211 by the
STROBE signal and “Overrange” is indicated by blanking the
4 digits. A clock oscillator circuit using the ICM7555 CMOS
timer is shown. Some other suitable clock circuits are
suggested in Figures 12 and 13. The 2-gate circuit should
use CMOS gates to maintain good power supply rejection.
A problem sometimes encountered with the
8052A/68A/71C03 A/D is that of gross over-voltage applied
in the input. Voltage in excess of
±2.000V may cause the
integrator output to saturate. When this occurs, the integrator
can no longer source (or sink) the current required to hold
the summing junction (Pin 11) at the voltage stored on the
auto zero capacitor. As a result, the voltage across the
integrator capacitor decreases sufficiently to give a false
voltage reading. This problem can also show up as large-
signal instability on overrange conditions. A simple solution
to this problem is to use junction FET transistors across the
integrator capacitor to source (or sink) current into the
summing junction and prevent the integrator amplifier from
saturating, as shown in Figure 14.
FIGURE 9. GROUNDING SEQUENCE
DEVICE PIN
DIG GND
ICL7104
PIN 2
DIGITAL
LOGIC
VIN
I/P
+
-
FILTER
CAP
8068A PIN 2
COMPARATOR
PIN 11
ICL71C03
AN GND
CAZ
VREF
BUFF
-IN
(IF USED)
REF
VOLTAGE
BUFF
OUT
EXTERNAL
REFERENCE
(IF USED)
PIN 5
ICL8052A/68A
AN GND
+15V
-15V
+5V SUPPLY BYPASS CAPACITOR(S)
BOARD
EDGE
ANALOG SUPPLY
BYPASS CAPACITORS
ANALOG
SUPPLY
RETURN
DIGITAL
SUPPLY
RETURN
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com