Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 18 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 18 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation LCL8052ACPD Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
FIGURE 15. SIMPLE ICL71C03/71C03A TO UART INTERFACE
FIGURE 16. COMPLEX ICL71C03/7103A TO UART INTERFACE
SERIAL OUTPUT
TO RECEIVING UART
TRO
UART
IM6402/3
TBR
TBRL
4
3
2
15
6
7
8
D1
D2
D3
D4
B1
B2
B4
B8
EPE
STROBE
RUN/HOLD
D5
POL
71C03/A
NC
+5V
74C157
SELECT
3A
2A
1A
1B
2B
3B
D1
D2
D3
D4
B1
B2
B4
B8
STROBE
RUN/HOLD
D5
71C03/A
+5V
ENABLE
BUSY
TRO
UART
IM6402/3
TBR
TBRL
4
3
2
15
6
7
8
EPE
RRI
DRR
DR
1Y
2Y
3Y
POL OVER
UNDER
10k
Ω
100pF
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com