Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 6 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Detailed Description
Analog Section
Figure 2 shows the equivalent Circuit of the Analog Section
of both the ICL71C03/8052A and the ICL71C03/8068A in
the 3 different phases of operation. IF the RUN/HOLD pin is
left open or tied to V+, the system will perform conversions
at a rate determined by the clock frequency: 40,0002 at 41/2
digit and 4002 at 31/2 digit clock periods per cycle (see
Figure 3 for details of conversion timing).
Auto-Zero Phase I (Figure 2A)
During the Auto-Zero, the input of the buffer is connected to
VREF through switch 2, and switch 3 closes a loop around
the integrator and comparator, the purpose of which is to
charge the auto-zero capacitor until the integrator output
does not change with time. Also, switches 1 and 2 recharge
the reference capacitor to VREF.
Input Integrate Phase II (Figure 2B)
During Input Integrate the auto-zero loop is opened and the
ANALOG INPUT is connected to the BUFFER INPUT
through switch 4 and CREF. If the input signal is zero, the
buffer, integrator and comparator will see the same voltage
that existed in the previous state (Auto-Zero). Thus, the
integrator output will not change but will remain stationary
during the entire Input Integrate cycle. If VIN is not equal to
zero, and unbalanced condition exists compared to the Auto
Zero phase, and the integrator will generate a ramp whose
slope is proportional to VIN. At the end of this phase, the
sign of the ramp is latched into the polarity F/F.
Deintegrate Phase II (Figures 2C and 2D)
During the Deintegrate phase, the switch drive logic uses the
output of the polarity F/F in determining whether to close
switch 6 or 5. If the input signal is positive, switch 6 is closed
anda voltagewhich is VREF more negative than during
Auto-Zero is impressed on the BUFFER INPUT. Negative
Inputs will cause +2(VREF) to be applied to the BUFFER
INPUT via switch 5. Thus, the reference capacitor generates
the equivalent of a (+) or (-) reference from the single
reference voltage with negligible error. The reference voltage
returns the output of the integrator to the zero-crossing point
established in Phase I. The time, or number of counts,
required to do this is proportional to the input voltage. Since
the Deintegrate phase can be twice as long as the Input
Integrate Phase, the input voltage required to give a full
scale reading is 2VREF.
Differential Linearity (Difference between
Worst Case Step of Adjacent Counts and
Ideal Step)
-2V
≤ VIN ≤ +2V
-
0.01
-
-
0.01
-
Counts
Rollover Error (Difference in Reading for
Equal Positive & Negative Voltage Near
Full Scale)
-VIN ≅ +VIN ≈ 2V
-
0.2
1
-
0.5
1
Counts
Noise (Peak-To-Peak Value Not
Exceeded 95% of Time)
VIN =0V,
Full Scale = 200mV,
Full Scale = 2V
-20
50
-
-
-
-30
-
-
µV
Leakage Current at Input
VIN = 0V
-
530
-
310
pA
Zero Reading Drift
VIN =0V,
0oCTo 70oC
-1
5
-
0.5
2
µV/oC
Scale Factor Temperature Coefficient
VIN =2V,
0oCTo 70oC,
Ext. Ref. 0ppm/oC
-3
15
-2
5
ppm/oC
NOTES:
10. Testedin31/2 digit (2,000 count) circuit shown in Figure 5, clock frequency 12kHz. Pin 2 71C03 connected to GND.
11. Testedin41/2 digit (20,000 count) circuit shown in Figure 5, clock frequency 120kHz. Pin 2 71C03A open.
12. Tested with a low dielectric absorption integrating capacitor. See Component Selection Section.
13. The temperaturerange canbeextendedto70oC and beyond if the Auto-Zero and Reference capacitors are increased to absorb the high
temperature leakage of the 8068A.
System Electrical Specifications: ICL8052A/ICL71C03
V++=+15V, V+=+5V, V- = -15V,TA =25
oC, f
CLK Set for 3 Reading/Sec. (Continued)
PARAMETER
TEST
CONDITIONS
ICL8052A/ICL71C03
(NOTE 9)
ICL8052A/A/ICL71C03
(NOTE 10)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com