Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 19 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 19 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation LCL8052ACPD Datasheet HTML 22Page - Intersil Corporation LCL8052ACPD Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
FIGURE 17. IM6100 TO ICL71C03A/71C03A INTERFACE
FIGURE 18. ICL71C03 TO MC6800, MCS650X INTERFACE
FIGURE 19. ICL71C03 TO MCS-48, -80, -85 INTERFACE
D4
D3
D2
D1
D5
STROBE
RUN/HOLD
71C03/A
POL OVER
1
15
80C95
B8
B4
B2
B1
1
15
80C95
WRITE 1
SENSE 1
IM6101
READ 1
12
IM6100
12
7
12
SEL
3B
2B
1B
1A
1Y
2Y
74C157
2A 3A 3Y
EN
D5 B8
B1
D1
71C03
B4 B2
D4
RUN/
D3
D2
HOLD
STROBE
PA4
PA7
PA6
PA5
PA0
PA1
PA2
CA1 CA2
PA3
MC6820
MC680X
OR
MCS650X
SEL
3B
2B
1B
1A
1Y
2Y
74C157
2A 3A 3Y
EN
D5 B8
B1
D1
71C03
B4 B2
D4
RUN/
D3
D2
HOLD
STROBE
PA4
PA7
PA6
PA5
PA0
PA1
PA2
STBA PB0
PA3
8255
8080,
8085,
ETC.
(MODE 1)
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com