Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 18Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
• On-board SPI device accessing various SPI memory devices
• Off-board TDM riser card plug-in on J43 slot
SPI_CS0 is used to access a SPI memory device, with the remaining chip selects used to
select additional on-board SPI devices, and a TDM device present on the TDM riser card.
The below figure shows the overall connections of the SPI portion.
SPI_MOSI/MISO_CLK
T1024
SPI
MT25QL512
(64MB FLASH)
TDM Riser card connector
SPI_CS0
TDMR_SPI_CS0/CS1
Figure 2-11. SPI interface
2.12 IFC
The T1024 Integrated Flash Controller (IFC) supports 32-bit addressing and 8- or 16-bit
data widths for a variety of devices to effectively manage all the resources with
maximum performance and flexibility. The below figure shows an overview of the IFC
bus.
T1024
ADDR,DATA,Control
NAND Flash
(MT29F8G08ABABAWP)
(1.8 V)
NOR Flash
(JS28F00AM29EWHA)
CPLD
NAND_CS
Cfg_vbank[0:2]
IFC_VA5-A7
IFC_A5-A7
XORs
Figure 2-12. IFC bus
IFC
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
22
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com