Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 43Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 44Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 45Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 46Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 47Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 48Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 49Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
=> mdio flash FM1@TGEC1 0x1000000 0x46402
flashing firmware for AQR105
Device burned and verified
• Program AQR105 PHY firmware for 2.5G SGMII (using RCW 0x135):
=> tftp 1000000 AQ28nm-FW_2.0.B3_Freescale_T1024RDB_120514.cld
Using FM1@DTSEC4 device
Filename 'AQ28nm-FW_2.0.B3_Freescale_T1024RDB_120514.cld'.
Load address: 0x1000000
Loading: #############################
2.2 MiB/s
done
Bytes transferred = 287746 (46402 hex)
=> mdio list
FSL_MDIO0:
2 - RealTek RTL8211E <--> FM1@DTSEC4
FM_TGEC_MDIO:
2 - Aquantia AQR105 <--> FM1@DTSEC3
=> mii dev FM_TGEC_MDIO
=> mdio flash FM1@DTSEC3 0x1000000 0x46402
flashing firmware for AQR105
Device burned and verified
=>
mdio read FM1@DTSEC3
0x1e.0xc885
Reading from bus FM_TGEC_MDIO
PHY at address 2:
30.51333 - 0xb3
The AQR105 PHY is connected to EMI2 bus and FM_TGEC_MDIO. The syntax of the
MDIO flash command is:
mdio flash <port_name> <firmware_address> <firmware_size>
After flash programming, the firmware version can be read out from registers 0x1e.0x20
and 0x1e.0xc885.
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
46
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com