Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 40Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 43Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 44Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 45Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 46Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
CPLD_BOOTOR field descriptions
Field
Description
0–5
-
This field is reserved.
6
PCIE_2.5G_OR
0
PCIe and SGMII 2.5G configuration from CPLD override disable.
1
PCIe and SGMII 2.5G configuration from CPLD override enable.
7
BOOT_OR
0
Boot configuration from CPLD override disable.
1
Boot configuration from CPLD override enable.
3.1.14 Boot Configuration Register 1 (CPLD_BOOTCFG1)
NOTE
For more information on BOOTCFG1 register, refer to QorIQ
T1024 datasheet.
Address: 0h base + 19h offset = 19h
Bit
0
1
2
3
4
5
6
7
Read
cfg_rcw_src[0:7]
Write
Reset
0
0
0
0
0
0
0
0
CPLD_BOOTCFG1 field descriptions
Field
Description
0–7
cfg_rcw_src[0:7]
Configure RCW source
3.1.15 Boot Configuration Register 2 (CPLD_BOOTCFG2)
NOTE
For more information on BOOTCFG2 register, refer to QorIQ
T1024 datasheet.
Address: 0h base + 19h offset = 19h
Bit
0
1
2
3
4
5
6
7
Read
cfg_rcw_
src8
Reserved
cfg_svr[0:1]
Reserved
cfg_eng_use[0:2]
Write
Reset
0
0
0
0
0
0
0
0
Chapter 3 CPLD Specification
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com