Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
• Headers
• Jumpers
• Push buttons
• LEDs
2.18.1 Connectors
The below table lists the various connectors on the T1024RDB platform.
Table 2-6. Connectors on the T2080RDB-PB platform
Reference designators
Used for
Notes
J37
ATX power
J2
SD card
J18
PCIe x1 card
Intended use is for PCIe cards that are 25 W or less
J19, J20
Mini PCIe cards
J43
TDM riser card
J14 (two ports)
Ethernet ports
RGMII -> Copper
J50
10G Ethernet ports
10G Base-T Ethernet port
J41 (two ports)
Dual Type A USB
J13 (two ports)
UART
J49
Battery holder
J1
UDIMM
J34
CPU fan
J33, J44-J46
Shelf fan
J47
Remote reset switch
J48
Remote power switch
2.18.2 Headers
The below table lists the various headers on the T1024RDB platform.
Table 2-7. Headers on T1024RDB platform
Reference designators
Used for
Notes
J26
Altera header
Used for programming the Altera CPLD devices
J3
COP/JTAG
Used for debugging the T1024 devices
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com