Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 33Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 34Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 35Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 36Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
3.1.1 Chip ID1 Register (CPLD_CHIPID1)
Address: 0h base + 0h offset = 0h
Bit
0
1
2
3
4
5
6
7
Read
CHIPID1
Write
Reset
0
1
0
1
0
1
0
1
CPLD_CHIPID1 field descriptions
Field
Description
0–7
CHIPID1
Chip ID1.
3.1.2 Chip ID2 Register (CPLD_CHIPID2)
Address: 0h base + 1h offset = 1h
Bit
0
1
2
3
4
5
6
7
Read
CHIPID2
Write
Reset
1
0
1
0
1
0
1
0
CPLD_CHIPID2 field descriptions
Field
Description
0–7
CHIPID2
Chip ID2.
3.1.3 Hardware Version Register (CPLD_HWVER)
Address: 0h base + 2h offset = 2h
Bit
0
1
2
3
4
5
6
7
Read
HW_VER
Write
Reset
x*
x*
x*
x*
x*
x*
x*
x*
* Notes:
x depends on actual board setting.x = Undefined at reset.
•
CPLD Memory Map/Register Definition
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
36
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com