Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
• Parity: None
• Number of stop bits: 1
• Flow control: Hardware/None
2.16 TDM riser card interface
The T1024RDB can support TDM riser card. The below figure shows the TDM riser card
connector.
Figure 2-17. TDM Riser card connector
2.17 JTAG/COP port
The common on-chip processor (COP) is a part of the T1024 processor’s JTAG module,
and it is implemented as a set of additional instructions and logic. This port can connect
to a dedicated emulator for extensive system debugging. Several third-party emulators in
the market can connect to the host computer through the Ethernet port, USB port, parallel
port, or RS-232. A setup using a USB port emulator is shown in the below figure.
USB Port
USB
Emulator
T1024RDB
COP Port
PC
Figure 2-18. USB port emulator setup
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com