Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 31Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 32Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 33Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
2.18.3 Jumpers
The below table describes how the Jumpers are used on the T1024RDB platform.
Table 2-8. Jumpers on T1024RDB platform
Reference
designator
Description
Status 1
Status 2
J9
PROG_SFP selection
Mounted: Fuse programming
Un-mounted: Normally operate
J10
PROG_MTR selection
Mounted: Fuse programming
Un-mounted: Normally operate
J11
FA_VAL selection
-
Un-mounted: Normally operate
J35
FAN_FULL_SPEED
1-2: For full speed on fan
No: Fan can be adjusted by
CPLD
J53
VDD_SD
1-2: VDD_SD uses 3.3 V
2-3: VDD_SD uses 1.8 V
2.18.4 Push buttons
The following table describes how the push buttons are used on the T1024RDB platform.
Table 2-9. Push buttons on T1024RDB platform
Reference designators
Used for
Notes
SW4
Reset
Used for resetting the whole board
SW5
Power on/off
Used for turning the power on or off on the board
2.18.5 LEDs
The below table lists all the LEDs on the T1024RDB front plate.
Table 2-10. LEDs on the T1024RDB front plate
LEDs
Used for
Controlled by
D44
Power on
+3.3 V rail
D43
Status
CPLD
Temperature
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
30
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com