Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
2.13 SDHC interface
The enhanced SD Host Controller (eSDHC) provides an interface between host system
and SD/MMC cards. The Secure Digital (SD) card is specifically designed to meet the
security, capacity, performance, and environmental requirements, inherent in emerging
audio and video consumer electronic devices. Booting from eSDHC interface is
supported using the processor’s on-chip ROM.
On the T1024RDB, a single connector is used for both SD and MMC memory cards, as
shown in the below figure.
1.8 V or 3.3 V
T1024
SD_WP
SD_CD
SDHC_CLK
CMD
DAT[0:3]
SD Card
WP
CD
CLK
CMD
DAT[0:3]
3.3 V
Clamping
Diodes
Figure 2-14. SDHC interface
2.14 USB interface
The T1024RDB systems have two integrated USB 2.0 controllers (USB1 and USB2), that
allow direct connection to USB ports with appropriate protection circuitry and power
supplies.
The board features are:
• High-speed (480 Mbit/s), full-speed (12 Mbit/s), and low-speed (1.5 Mbit/s)
operations
• Host mode
• Dual-stacked Type A connection
Each USB ports are connected to a standard Type A connector for compatibility with
most USB peripherals.
USB interface
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
24
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com