Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
2.12.1 Virtual banks
The virtual bank feature is available when the NOR flash is connected to IFC_CS0_N. In
that case, the value of VBANK[0:2] will be driven into three XOR gates, which toggle
the MSB's of the NOR address, as shown in the below figure.
DUT
cfg_vbank[0:2]
B_IFC
IFC_A[30:8]
IFC_A[7:5]
NOR flash
A[0:22]
A[23:25]
Figure 2-13. Virtual bank interface
When VBANK[0:2]=000, the IFC_A[7:5] is not altered, and the NOR flash behaves
normally. If VBANK[0:2]=100, the LB_A[5] is toggled and effectively swaps the top
and bottom halves of the NOR flash. If program "A" was stored in the bottom half and
program "B" in the top half then, while selecting different VBANK settings, “A” and “B”
will get their VBANKs changed as given in the below table.
Table 2-3. Virtual bank settings
NOR zones
(1/8 of 128
MB)
VBANK
000
001
010
011
100
101
110
111
A
A
B
C
D
E
F
G
H
B
B
A
D
C
F
E
H
G
C
C
D
A
B
G
H
E
F
D
D
C
B
A
H
G
F
E
E
E
F
G
H
A
B
C
D
F
F
E
H
G
B
A
D
C
G
G
H
E
F
C
D
A
B
H
H
G
F
E
D
C
B
A
NOTE
In the above table, the NOR flash has been partitioned into
eight 16 MB zones, which can be arranged under the control of
VBANK.
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com