Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LP140WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Product Specification
5 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2. ELECTRICAL CHARACTERISTICS
The LP140WH2 requires two power inputs. The first logic is employed to power the LCD electronics and to
drive the TFT array and liquid crystal. The second backlight is the input about LED BL with LED Driver.
5
Ω
110
100
90
ZLVDS
LVDS Impedance
4
mA
1500
-
-
ICC_P
Power Supply Inrush Current
PWM
Duty
(ILED)
150
130
110
50%
290
250
210
100%
LED Power Input Current
13
Hrs
-
-
12,000
Life Time
V
0.5
-
0
VLED_EN_L
LED_EN Low Voltage
V
5.3
-
3.0
VLED_EN_H
LED_EN High Voltage
k
Ω
60
40
20
ZPWM
LED_EN Impedance
V
0.5
-
0
V
PWM_L
PWM Low Level Voltage
V
5.3
-
3.0
V
PWM_H
PWM High Level Voltage
12
Hz
1000
-
200
FPWM
PWM Frequency
k
Ω
60
40
20
ZPWM
PWM Impedance
11
%
0.3
-
0
-
PWM Jitter
10
%
100
-
6
PWM Duty Ratio
9
mA
1000
-
-
ILED_P
LED Power Inrush Current
8
W
3.5
3.0
-
PLED
LED Power Consumption
8
mA
25
20
10
6%
7
V
20.0
12.0
7.0
VLED
LED Power Input Voltage
BACKLIGHT : ( with LED Driver)
6
mA
10
-
-
IEDID
EDID Input Current
V
3.6
3.3
3.0
VEDID
EDID Input Voltage
2
W
1.5
1.3
1.1
PCC
Power Consumption
3
mA
535
465
395
ICC_max
Black
2
mA
450
390
330
ICC
Mosaic
Power Supply Input Current
1
V
3.6
3.3
3.0
VCC
Power Supply Input Voltage
LOGIC :
Max
Typ
Min
Notes
Unit
Values
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com