Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Product Specification
16 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP140WH2. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
173.95 mm
Vertical
Hard Coating(3H), Glare treatment of the front polarizer
Surface Treatment
320g (Max.)
Weight
176.95
± 0.5mm
Vertical
198.1
± 0.5mm
Vertical
3.6mm (max)
Thickness
309.40 mm
Horizontal
Active Display Area
312.40
± 0.5mm
Horizontal
Bezel Area
322.3
± 0.5mm
Horizontal
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com