Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Product Specification
13 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
4. Optical Specification
FIG. 1 Optical Characteristic Measurement Equipment and Method
Table 7. OPTICAL CHARACTERISTICS
Ta=25
°C, VCC=3.3V, fV=60Hz, fCLK= 71.0MHz
-
45
-
%
Color Gamut
5
Viewing Angle
Color Coordinates
4
ms
25
16
-
Tr
R+ TrD
Response Time
0.158
0.128
0.98
BY
0.343
0.313
0.283
WX
WHITE
y axis, down (
Φ=270°)
y axis, up (
Φ=90°)
x axis, left (
Φ=180°)
x axis, right(
Φ=0°)
degree
-
45
40
Θr
degree
-
45
40
Θl
degree
-
15
10
Θu
degree
-
35
30
Θd
BLUE
0.359
0.329
0.299
WY
6
Gray Scale
GREEN
RED
0.369
0.339
0.309
GX
0.594
0.564
0.534
GY
0.606
0.576
0.546
RX
0.374
0.344
0.314
RY
3
1.6
1.4
-
δ WHITE
Luminance Variation
0.190
0.160
0.130
BX
Max
Typ
Min
1
-
500
400
CR
Contrast Ratio
2
cd/m2
-
200
170
L
WH
Surface Luminance, white
Parameter
Symbol
Notes
Units
Values
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 30 minutes in
a dark environment at 25°C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of Φ and Θ equal to 0°.
FIG. 1 presents additional information concerning the measurement equipment and method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com