Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Product Specification
8 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
Notes
Unit
Max
Min
Symbol
Description
85MHz > Fclk
≥
65MHz
ps
+ 400
- 400
t
SKEW
LVDS Clock to Data Skew Margin
-
-
-
65MHz > Fclk
≥
25MHz
%
± 3
-
F
DEV
Maximum deviation
of input clock frequency during SSC
KHz
200
-
F
MOD
Maximum modulation frequency
of input clock during SSC
- 1/7
- 600
T
clk
+ 1/7
t
SKEW_EO
LVDS Clock to Clock Skew Margin (Even
to Odd)
ps
+ 600
t
SKEW
-
V
2.1
0.3
V
IN
LVDS Input Voltage Range
-
V
1.8
0.6
V
CM
LVDS Common mode Voltage
-
mV
600
100
|V
ID|
LVDS Differential Voltage
Notes
Unit
Max
Min
Symb
ol
Description
3-3-1. DC Specification
3-3-2. AC Specification
3-3. LVDS Signal Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com