Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Product Specification
10 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
3-4. Signal Timing Specifications
Table 4. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Data Enable, Hsync, Vsync
Hsync
Data Enable
Vsync
Data Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA
tCLK
0.5 Vcc
DCLK
768
768
768
tWVA
Width-Active
1366
1366
1366
tWHA
Width-Active
tCLK
124
56
72
tHBP
Horizontal back porch
48
48
8
tHFP
Horizontal front porch
tHP
20
12
8
tVBP
Vertical back porch
5
3
1
tVFP
Vertical front porch
tHP
801
788
779
tVP
Period
8
5
2
tWV
Width
40
32
24
tWH
Width
tCLK
1586
1502
1470
t
HP
Period
Hsync
Vsync
Data
Enable
MHz
-
71.0
-
fCLK
Frequency
DCLK
Note
Unit
Max
Typ
Min
Symbol
ITEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com