Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Product Specification
7 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
This LCD employs two interface connections, a 40 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model IS050-L40B-C10 manufactured by UJU.
No Connection
NC
30
LED Power Supply (7V-20V)
VLED
40
LED Power Supply (7V-20V)
VLED
39
LED Power Supply (7V-20V)
VLED
38
No Connection
NC
37
Backlight On/Off Control (Note2)
LED_EN
36
PWM for Luminance control (Note1)
PWM
35
No Connection
NC
34
LED Ground
GND
33
LED Ground
GND
32
No Connection
NC
20
Color Engine enable (Note3)
CE_EN
19
Positive LVDS differential clock input
Odd_CLKIN+
18
Negative LVDS differential clock input
Odd_CLKIN-
17
Ground
GND
16
Positive LVDS differential data input
Odd_R
IN 2+
15
Negative LVDS differential data input
Odd_R
IN 2-
14
Ground
GND
13
Positive LVDS differential data input
Odd_R
IN 1+
12
Negative LVDS differential data input
Odd_R
IN 1-
11
LED Ground
GND
31
Power Supply, 3.3V Typ.
VCC
2
Power Supply, 3.3V Typ.
VCC
3
DDC 3.3V power
V EEDID
4
No Connection
NC
5
DDC Clock
Clk EEDID
6
DDC Data
DATA EEDID
7
Positive LVDS differential data input
Odd_R
IN 0+
9
No connection
NC
1
Negative LVDS differential data input
Odd_R
IN 0-
8
Ground
GND
10
Ground
GND
22
No Connection
NC
23
No Connection
NC
24
Ground
GND
25
No Connection
NC
26
No Connection
NC
27
Ground
GND
28
No Connection
NC
29
Notes
Description
Symbol
Pin
NC
No Connection
21
1, Interface chips
1.1 LCD : SW, SW0624 (LCD Controller)
including LVDS Receiver
1.2 System : THC63LVDF823A
or equivalent
* Pin to Pin compatible with LVDS
2. Connector
2.1 LCD : IS050-L40B-C10, UJU
or equivalent
2.2 Mating : 20453-040T-0x, I-PEX
or equivalent
2.3 Connector pin arrangement
1
40
[Note 1]
If PWM Duty is changed.
Brightness can be changed.
-PWM Duty spec. : 200Hz ~1KHz
-PWM High Level : 3 ~ 5.3V
-PWM Low Level : 0 ~ 0.5V
[Note 2]
LED EN : 3 ~ 5.3V
LED OFF : 0 ~ 0.5V
[Note 3]
CE_EN : 3V ~ 3.6V
CE OFF : 0 ~ 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com