Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Product Specification
12 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
Table 6. POWER SEQUENCE TABLE
3-7. Power Sequence
Note)
1. Do not insert the mating cable when system turn on.
2. Valid Data have to meet “3-3. LVDS Signal Timing Specifications”
3. LVDS, LED_EN and PWM need to pull-down condition on invalid status.
4. LGD recommend the rising sequence of VLED after the Vcc and valid status of LVDS turn on.
ms
-
-
0.5
T
12
ms
-
-
10
T
11
ms
100
-
10
T
14
ms
100
-
10
T
13
ms
-
-
0
T
10
ms
-
-
0
T
9
ms
-
-
10
T
8
Max.
Typ.
Min.
Units
Value
LED
Parameter
ms
-
-
500
T
5
ms
-
-
400
T
4
ms
10
-
3
T
7
ms
-
-
200
T
6
ms
50
-
0
T
3
ms
50
-
0
T
2
ms
10
-
0.5
T
1
Max.
Typ.
Min.
Units
Value
Logic
Parameter
T
7
Interface Signal, V
i
LVDS
Power Supply Input
VCC
90%
10%
10%
0V
90%
T
1
T
2
T
3
T
4
T
5
T
6
0V
Dimming control signal
Of LED BL
PWM
0V (Low)
T
8
LED input Voltage
VLED
T
10
LED on/off control Signal
LED_EN
T
11
T
9
Valid Data
0V
Valid Data
0V (Off)
90%
10%
T
12
90%
3.0V
3.0V
T
13
T
14
0V (Off)
90%
90%
CE&DBC on/off Control Signal
CE_EN & DBC_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com