Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 1 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 1 Page - LG Semicon Co.,Ltd.

  LP140WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product Specification
1 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
SPECIFICATION
FOR
APPROVAL
14.0” HD TFT LCD
Title
MODEL
Customer
*When you obtain standard approval,
please use the above model name without suffix
LP140WH2
*MODEL
TLQ1
Suffix
LG Display Co., Ltd.
SUPPLIER
)
)
(
(
Final Specification
◆
Preliminary Specification
Please return 1 copy for your confirmation with
your signature and comments.
/
/
/
SIGNATURE
APPROVED BY
Products Engineering Dept.
LG Display Co., Ltd
PREPARED BY
REVIEWED BY
SIGNATURE
APPROVED BY
PREPARED BY
REVIEWED BY
SIGNATURE
APPROVED BY
N. J. Seong / Manager
S. S. Han / Engineer
H. S. Kim / Engineer
H. S. Jung / Engineer


Similar Part No. - LP140WH2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
LP140WH1-TLA2 LG-LP140WH1-TLA2 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
LP140WH1TLA2 LG-LP140WH1TLA2 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
14.0 HD TFT LCD
More results

Similar Description - LP140WH2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
14.0??Full HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
18.5inch HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
20.0 HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
15.6??Full HD TFT LCD
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
15.6 HD TFT LCD
LM195WD1 LG-LM195WD1 Datasheet
561Kb / 31P
19.5 HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
14.0 HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
14.0?쓂 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
17.3??HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com