Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH2 Datasheet(PDF) 3 Page - LG Semicon Co.,Ltd.

Part # LP140WH2
Description  14.0??HD TFT LCD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH2 Datasheet(HTML) 3 Page - LG Semicon Co.,Ltd.

  LP140WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Product Specification
3 / 27
LP140WH2
Liquid Crystal Display
Ver. 1.0
Apr. 05, 2010
1. General Description
General Features
Yes
RoHS Comply
Glare treatment (3H) of the front Polarizer (Reflectivity 4.5%)
Surface Treatment
6-bit, 262,144 colors
Color Depth
1366 horiz. By 768 vert. Pixels RGB strip arrangement
Pixel Format
200 cd/m2
Luminance, White
Total 4.3 W(Typ.) Logic : 1.3 W (Typ.@ Mosaic), B/L : 3.0 W (Typ.@ VLED 12V )
Power Consumption
310g (Typ.), 320g (Max.)
Weight
Transmissive mode, normally white
Display Operating Mode
Yes all.
BFR / PVC / As Free
0.252mm × 0.252 mm
Pixel Pitch
14.0 inches diagonal
Active Screen Size
The LP140WH2 is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode (LED)
backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive
type display operating in the normally white mode. This TFT-LCD has 14.0 inches diagonally measured
active display area with HD resolution(768 vertical by 1366 horizontal pixel array). Each pixel is divided into
Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the brightness
of the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of
more than 262,144 colors.
The LP140WH2 has been designed to apply the interface method that enables low power, high speed, low
EMI.
The LP140WH2 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LP140WH2 characteristics provide an excellent flat display for office automation products such as Notebook
PC.
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(HD, DRD, TN)
1
Timing Control
(Tcon) Block
Timing Control
(Tcon) Block
40
EEPROM Block
for EDID
EEPROM Block
for EDID
Source Driver
(Bottom)
LED Backlight Ass’y
TCLKs
LVDS
1port
VCC
LED Driver
Block
LED Driver
Block
FB1~6
EEPROM Block
for Tcon Operating
EEPROM Block
for Tcon Operating
Power
Block
Power
Block
AVCC, AVDD
VGH, VGL, GMA
Mini-
LVD
S
GIP CLKs, DSC
VOUT_LED
DVCC
VLED
LED_EN
PWM
768
1366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com