Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 43Page - Texas Instruments ADC32RF83 Datasheet HTML 44Page - Texas Instruments ADC32RF83 Datasheet HTML 45Page - Texas Instruments ADC32RF83 Datasheet HTML 46Page - Texas Instruments ADC32RF83 Datasheet HTML 47Page - Texas Instruments ADC32RF83 Datasheet HTML 48Page - Texas Instruments ADC32RF83 Datasheet HTML 49Page - Texas Instruments ADC32RF83 Datasheet HTML 50Page - Texas Instruments ADC32RF83 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 138 page
background image
Receiver
VCM
Transmission Line,
ZO
0.1 PF
0.1 PF
Rt = ZO
Rt = ZO
DA[3:0]P,
DB[3:0]P
DA[3:0]M,
DB[3:0]M
GPIO4
GPIO1
GPIO3
GPIO2
INSEL1[1:0]
INSEL0[1:0]
NCO1
NCO2
NCO3
N/A
0
1
2
3
GPIO4
GPIO1
GPIO3
GPIO2
0
1
2
3
0
1
2
3
NCO for DDC1 of
channel x
NCO SEL[1:0]
NCO SEL PIN
0
1
47
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 8. NCO Selection
NCO SEL[1]
NCO SEL[0]
NCO SELECTED
0
0
NCO1
0
1
NCO2
1
0
NCO3
1
1
n/a
Figure 121. NCO Switching from GPIO and SPI
8.3.6 SerDes Transmitter Interface
Each 12.3-Gbps serializer, deserializer (SerDes) LVDS transmitter output requires ac-coupling between the
transmitter and receiver. Terminate the differential pair with 100-Ω resistance (that is, two 50-Ω resistors) as
close to the receiving device as possible to avoid unwanted reflections and signal degradation, as shown in
Figure 122.
Figure 122. External Serial JESD204B Interface Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com