Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 67Page - Texas Instruments ADC32RF83 Datasheet HTML 68Page - Texas Instruments ADC32RF83 Datasheet HTML 69Page - Texas Instruments ADC32RF83 Datasheet HTML 70Page - Texas Instruments ADC32RF83 Datasheet HTML 71Page - Texas Instruments ADC32RF83 Datasheet HTML 72Page - Texas Instruments ADC32RF83 Datasheet HTML 73Page - Texas Instruments ADC32RF83 Datasheet HTML 74Page - Texas Instruments ADC32RF83 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
71
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 27. Register Map (continued)
REGISTER
ADDRESS
A[11:0] (Hex)
REGISTER DATA
7
6
5
4
3
2
1
0
Digital Gain Page Channel B (610105, M = 1)
0A6
0
0
0
0
DIGITAL GAIN
Main Digital Page Channel A (680000h, M = 1)
000
0
0
0
0
0
0
0
DIG CORE RESET
GBL
0A2
0
0
0
0
NQ ZONE EN
NYQUIST ZONE
Main Digital Page Channel B (680001h, M = 1)
000
0
0
0
0
0
0
0
0
0A2
0
0
0
0
NQ ZONE EN
NYQUIST ZONE
JESD DIGITAL PAGE (690000h, M = 1)
001
CTRL K
0
0
TESTMODE EN
0
LANE ALIGN
FRAME ALIGN
TX LINK DIS
002
SYNC REG
SYNC REG EN
0
0
12BIT MODE
JESD MODE0
003
LINK LAYER TESTMODE
LINK LAY RPAT
LMFC MASK
RESET
JESD MODE1
JESD MODE2
RAMP 12BIT
004
0
0
0
0
0
0
REL ILA SEQ
006
SCRAMBLE EN
0
0
0
0
0
0
0
007
0
0
0
FRAMES PER MULTIFRAME (K)
016
0
40X MODE
0
0
0
0
017
0
0
0
0
LANE0
POL
LANE1
POL
LANE2
POL
LANE3
POL
032
SEL EMP LANE 0
0
0
033
SEL EMP LANE 1
0
0
034
SEL EMP LANE 2
0
0
035
SEL EMP LANE 3
0
0
036
0
CMOS SYNCB
0
0
0
0
0
0
037
0
0
0
0
0
0
PLL MODE
03C
0
0
0
0
0
0
0
EN CMOS SYNCB
03E
0
MASK CLKDIV
SYSREF
MASK NCO
SYSREF
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com