Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 66 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 62Page - Texas Instruments ADC32RF83 Datasheet HTML 63Page - Texas Instruments ADC32RF83 Datasheet HTML 64Page - Texas Instruments ADC32RF83 Datasheet HTML 65Page - Texas Instruments ADC32RF83 Datasheet HTML 66Page - Texas Instruments ADC32RF83 Datasheet HTML 67Page - Texas Instruments ADC32RF83 Datasheet HTML 68Page - Texas Instruments ADC32RF83 Datasheet HTML 69Page - Texas Instruments ADC32RF83 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [11:0]
Register Data [7:0]
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
0
1
1
0
66
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
3. Writing into the desired register by setting both the M bit and P bit to 1. Write register content. When a page
is selected, multiple writes into the same page can be done. Addressing in an SPI cycle begins with 6xxx
when selecting a page from the digital bank because the M bit must be set to 1, as shown in Figure 140.
Note that the JESD digital page is common for both channels. The CH bit can be used to distinguish
between two channels when programming registers in the JESD digital page. When CH = 0, registers are
programmed for channel B; when CH = 1, registers are programmed for channel A. Thus, an SPI cycle to
program registers for channel B begins with 6xxx and channel A begins with 7xxx.
Figure 140. SPI Write Timing Diagram for Digital Bank Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com