Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 68 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 64Page - Texas Instruments ADC32RF83 Datasheet HTML 65Page - Texas Instruments ADC32RF83 Datasheet HTML 66Page - Texas Instruments ADC32RF83 Datasheet HTML 67Page - Texas Instruments ADC32RF83 Datasheet HTML 68Page - Texas Instruments ADC32RF83 Datasheet HTML 69Page - Texas Instruments ADC32RF83 Datasheet HTML 70Page - Texas Instruments ADC32RF83 Datasheet HTML 71Page - Texas Instruments ADC32RF83 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
R/W, M, P, CH, Bits Decoder
Initiate an SPI Cycle
(1)
Master Page
(PDN,
DC Coupling,
SYSREF Delay,
JESD Swing,
initialization
Registers)
Keep M, P, R/W =
0 when writing to
this page, and
keep these bits =
1 when reading
from this page
Value 690000h
Main
Digital Page for
ChA
(Nyquist Zone)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading
from this page
JESD
Digital Page
(JESD
Configuration)
Keep M, P = 1,
CH = 0 for ChB,
CH = 1 for ChA
Keep R/W = 0
when writing to
this page, and = 1
when reading
from this page
M = 1
M = 0
Value 04h
Value FFh
Analog Bank
(3)
Digital Bank
Select DIGITAL Bank Page
(Address 04h, Address 03h, and Address 02h bits DIGITAL BANK PAGE SEL[23:0],
Keep M = 1, P = 0)
Select ADC Page
(Address 11h, Value FFh,
Keep M, P = 0)
General Register
(Address 00h,
Keep M, P = 0)
(Global Reset)
General Register
(Address 05h,
Keep M = 1, P = 0)
1
st SPI Cycle:
Page Selection
2
nd SPI Cycle:
Page Programing
Select Master Page
(Address 12h, value 04h,
Keep M, P = 0)
ADC Page
(Slow Speed
Enable,
Initialization
Registers)
Keep M, P, R/W =
0 when writing to
this page, and
keep these bits =
1 when reading
from this page
Main
Digital Page for
ChB
(Nyquist Zone)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading from
this page
Offset Corr Page
ChA
(Offset Corr)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading from
this page
SPI cycle:
These Pages
are directly
programmed
in one SPI
cycle.
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address[11:0]
Register Data[7:0]
SDIN
SCLK
SEN
A11
A10
A9
A8
A7
A6
M
P
CH
SPI Cycle
Direct
Addressing
Pages:
DDC and
Power
Detector
(2)
Value 610000h
Value 610100h
Value 610005h
Value 610105h
Value 680000h
Value 680100h
Offset Corr Page
ChB
(Offset Corr)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading from
this page
Digital Gain Page
ChA
(Digital Gain)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading from
this page
Digital Gain Page
ChB
(Digital Gain)
Keep
M, P, CH bits =
(1, 1, 0).
R/W = 0 when
writing to this
page, and = 1
when reading from
this page
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
68
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5 Register Maps
The ADC32RF8x contains two main SPI banks. The analog SPI bank provides access to the ADC core and the digital SPI bank controls the digital blocks
(including the serial JESD interface). Figure 143 and Figure 144 provide a conceptual view of the SPI registers inside the ADC32RF8x. The analog SPI
bank contains the master and ADC pages. The digital SPI bank is divided into multiple pages (the main digital, digital gain, decimation filter, JESD digital,
and power detector pages).
(1)
In general, SPI writes are completed in two steps. The first step is to access the necessary page. The second step is to program the desired register in that page. When
a page is accessed, the registers in that page can be programmed multiple times.
(2)
Registers in the decimation filter page and the power detector page can be directly programmed in one SPI cycle.
(3)
The CH bit is a don't care bit and is recommended to be kept at 0.
Figure 143. SPI Registers, Two-Step Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com